Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download VRF151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VRF151.pdf 03 - 23 - 04 advanced power technology reserves the right to change, without notice, the specifications and information contained herein visit our website at www.advancedpower.com or contact our factory direct. VRF151 preliminary information description: description: the VRF151 is a gold metallized silicon, n - channel rf power transistor designed for broadband commercial and military applications requiring high power and gain without compromising reliability, ruggedness, and intermodulatio n distortion. absolute maximum ratings absolute maximum ratings (tcase = 25 c) symbol parameter value unit v (br)dss drain - source voltage 125 v v dgo drain - gate voltage 125 v v gs gate - source voltage 40 v i d drain current 16 a p dis s total device power dissipation 300 w t j max operating junction temperature +200 c t stg storage temperature - 65 to +150 c thermal data thermal data r (j - c) thermal resistance junction - case 0.6 c/w features features 150w with 14db typical gain @ 175mhz, 50v 150w with 22db typical gain @ 30mhz, 50v excellent stability & low imd common source configuration 30:1 load vswr capability at specified operating conditions nitride passivated refractory gold metallization broadband hf/vhf vertical d - mos ism & military/ commercial communications applications 150w, 50v, 175mhz n - channel rf power vertical mosfet 1. drain 3. gate 2. source 4. source
VRF151.pdf 03 - 23 - 04 advanced power technology reserves the right to change, without notice, the specifications and information contained herein visit our website at www.advancedpower.com or contact our factory direct. VRF151 preliminary information electrical specifications (tcase = 25 electrical specifications (tcase = 25 c) c) static static value symbol test conditions min. typ. max. unit off characteris tics: v (br)dss v gs = 0v i ds = 100ma 125 --- --- v i dss v gs = 0v v ds = 50v --- --- 5.0 m a i gss v gs = 20v v ds = 0v --- --- 1.0 m m a on characteristics: v gs(q) v ds = 10v i d = 250ma 1.0 3.0 5.0 v v ds(on) v gs = 10v i d = 10a 1.0 2.0 5.0 v g fs v d s = 10v i d = 250ma 5.0 --- --- mho dynamic characteristics: c iss v gs = 0v v ds = 50v f = 1 mhz --- 400 --- pf c oss v gs = 0v v ds = 50v f = 1 mhz --- 235 --- pf c rss v gs = 0v v ds = 50v f = 1 mhz --- 18 --- pf functional tests functional tests value symbol test conditi ons min. typ. max. unit p out f = 175mhz v dd = 50v i dq = 250ma 150 --- w g ps f = 175mhz v dd = 50v p out = 150w pep i dq = 250ma --- 14 --- db g ps f = 30mhz v dd = 50v p out = 150w pep i dq = 250ma 18 22 --- db h h d f = 175mhz v dd = 50v p out = 150w pep i dq = 250ma --- 55 --- % imd (d3) f1 = 30mhz f2=30.001mhz p out = 150w pep v dd = 50v i dq = 250ma --- - 32 --- dbc load mismatch f = 30mhz v dd = 50v p out = 150w pep v dq = 250ma 30:1 vswr - all phase angles no degrad ation in output power
VRF151.pdf 03 - 23 - 04 advanced power technology reserves the right to change, without notice, the specifications and information contained herein visit our website at www.advancedpower.com or contact our factory direct. VRF151 preliminary information test circuit information test circuit information 151
VRF151.pdf 03 - 23 - 04 advanced power technology reserves the right to change, without notice, the specifications and information contained herein visit our website at www.advancedpower.com or contact our factory direct. VRF151 preliminary information power out vs. power in power out vs. power in freq = 175 mhz, vdd = 50v, idq = 250ma 0.00 20.00 40.00 60.00 80.00 100.00 120.00 140.00 160.00 0.00 1.00 2.00 3.00 4.00 5.00 6.00 power in (w) power out (w) gain & efficiency vs. power out gain & efficiency vs. power out freq = 175 mhz, vdd = 50v, idq = 250ma 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0 0.00 20.00 40.00 60.00 80.00 100.00 120.00 140.00 160.00 power out (w) gain (db) 0.0% 10.0% 20.0% 30.0% 40.0% 50.0% 60.0% efficiency (%) gain efficiency
VRF151.pdf 03 - 23 - 04 advanced power technology reserves the right to change, without notice, the specifications and information contained herein visit our website at www.advancedpower.com or contact our factory direct. VRF151 preliminary information package mechanical data package mechanical data


▲Up To Search▲   

 
Price & Availability of VRF151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X